|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N5221B - 1N5263B Zener Diodes June 2007 1N5221B - 1N5263B Zener Diodes Tolerance = 5% DO-35 Glass case COLOR BAND DENOTES CATHODE Absolute Maximum Ratings * Symbol PD TSTG TJ Power Dissipation Derate above 50C Storage Temperature Range TA = 25C unless otherwise noted Parameter Value 500 4.0 -65 to +200 +200 +230 Units mW mWC C C C Maximum Junction Operating Temperature Lead Temperature (1/16" from case for 10 seconds) * These ratings are limiting values above which the serviceability of the diode may be impaired. ** Non-recurrent square wave PW = 8.3ms, Ta = 50 degrees C. Electrical Characteristics Device 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B VZ (V) @ IZ (Note 1) Min. 2.28 2.375 2.565 2.66 2.85 3.135 3.42 3.705 4.085 4.465 4.845 5.32 5.7 5.89 6.46 7.125 7.79 8.265 8.645 9.5 Typ. 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 TA=25C unless otherwise noted Max. 2.52 2.625 2.835 2.94 3.15 3.465 3.78 4.095 4.515 4.935 5.355 5.88 6.3 6.51 7.14 7.875 8.61 9.135 9.555 10.5 ZZ () @ IZ (mA) 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ZZK () @ IZK (mA) 1,200 1,250 1,300 1,400 1,600 1,600 1,700 1,900 2,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR (A) @ VR (V) TC (%/C) -0.085 -0.085 -0.080 -0.080 -0.075 -0.07 -0.065 -0.06 +/-0.055 +/-0.03 +/-0.03 0.038 0.038 0.045 0.05 0.058 0.062 0.065 0.068 0.075 100 100 75 75 50 25 15 10 5.0 2.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 (c)2007 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com 1N5221B - 1N5263B Rev. H1 1N5221B - 1N5263B Zener Diodes Device 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5247B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B VZ (V) @ IZ (Note 1) Min. 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 20.9 22.8 23.75 25.65 26.6 28.5 31.35 34.2 37.05 40.85 44.65 48.45 53.2 Typ. 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 Max. 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21 23.1 25.2 26.25 28.35 29.4 31.5 34.65 37.8 40.95 45.15 49.35 53.55 58.8 ZZ () @ IZ (mA) 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 ZZK () @ IZK (mA) 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 IR (A) @ VR (V) TC (%/C) 0.076 0.077 0.079 0.080 0.082 0.083 0.084 0.085 0.085 0.086 0.087 0.088 0.088 0.089 0.090 0.09 0.092 0.093 0.094 0.095 0.095 0.096 0.096 2.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 VF Forward Voltage = 1.2V Max. @ IF = 200mA Notes: 1.Zener Voltage (VZ) The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30C 1C and 3/8" lead length Top Mark Information Device 1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B Line 1 LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO Line 2 22 22 22 22 22 22 22 22 22 23 23 23 23 23 23 23 23 23 23 24 24 24 24 24 24 Line 3 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 2 1N5221B - 1N5263B Rev. H1 www.fairchildsemi.com 1N5221B - 1N5263B Zener Diodes 1N5246B 1N5247B 1N5248B 1N5247B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO LOGO 24 24 24 24 25 25 25 25 25 25 25 25 25 25 26 26 26 26 6B 7B 8B 9B 0B 1B 2B 3B 4B 5B 6B 7B 8B 9B 0B 1B 2B 3B Top Mark Information (Continued) 22 1B F 1st line: F - Fairchild Logo 2nd line: Device Name - 4th to 5th characters of the device name. or 5th to 6th characters for BZXyy series 3rd line: Device Name - 6th to 7th characters of the device name. or Voltage rating for BZXyy series General Requirements: 1.0 Cathode Band 2.0 First Line: F - Fairchild Logo 3.0 Second Line: Device name - For 1Nxx series: 4th to 5th characters of the device name. For BZxx series: 5th to 6th characters of the device name. 4.0 Third Line: Device name - For 1Nxx series: 6th to 7th characters of the device name. For BZXyy series: Voltage rating 5.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec). 6.0 Maximum no. of marking lines: 3 7.0 Maximum no. of digits per line: 2 8.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line. 9.0 Marking Font: Arial (Except FSC Logo) 10.0 First character of each marking line must be aligned vertically. 11.0 All device markings must be based on Fairchild device specification. 3 1N5221B - 1N5263B Rev. H1 www.fairchildsemi.com 1N5221B - 1N5263B Zener Diodes 1N5221B - 1N5263B Zener Diodes TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM E2CMOSTM EcoSPARK(R) EnSignaTM FACT Quiet SeriesTM FACT(R) FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM(R) PACMANTM POPTM Power220(R) Power247(R) PowerEdgeTM PowerSaverTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM SPMTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TCMTM The Power Franchise(R) TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM UHC(R) UniFETTM VCXTM WireTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date.Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor.The datasheet is printed for reference information only. Rev. I23 No Identification Needed Full Production Obsolete Not In Production 4 1N5221B - 1N5263B Rev. H1 www.fairchildsemi.com |
Price & Availability of 1N5230B |